Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download EIC7179-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC7179-12
ISSUED 02/29/2008
7.10-7.90 GHz 12-Watt Internally Matched Power FET
2X 0.079 MIN 4X 0.102
FEATURES
* * * * * * * * 7.10- 7.90GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +41.5 dBm Output Power at 1dB Compression 9.0 dB Power Gain at 1dB Compression 38% Power Added Efficiency -47 dBc IM3 at PO = 28.5 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
0.945 0.803
Excelics EIC7179-12
0.024 0.580
YYWW
SN
0.315 0.685 0.010 0.158 0.617 0.004 0.055 0.095
0.055 0.168
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 7.10-7.90GHz VDS = 10 V, IDSQ 3250mA Gain at 1dB Compression f = 7.10-7.90GHz VDS = 10 V, IDSQ 3250mA Gain Flatness f = 7.10-7.90GHz VDS = 10 V, IDSQ 3250mA Power Added Efficiency at 1dB Compression f = 7.10-7.90GHz VDS = 10 V, IDSQ 3200mA Drain Current at 1dB Compression f = 7.10-7.90GHz Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 28.5 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 7.90GHz Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
40.5 8.0
TYP
41.5 9.0
MAX
UNITS
dBm dB
0.6 38 3500 -45 -47 6500 -2.5 2.3 7900 -4.0 2.8
o
dB %
4150
mA dBc mA V C/W
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 62 mA
2) S.C.L. = Single Carrier Level.
Note: 1) Tested with 50 Ohm gate resistor.
3) Overall Rth depends on case mounting.
MAXIMUM RATING AT 25C1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 15 -5 129.6mA -21.6mA 37dBm 175 oC -65 to +175 oC 54W CONTINUOUS2 10V -4V 43.2mA -7.2mA @ 3dB Compression 175 oC -65 to +175 oC 54W
Vds Vgs Igsf Igsr Pin Tch Tstg Pt
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 2 Revised February 2008
EIC7179-12
ISSUED 02/29/2008
7.10-7.90 GHz 12-Watt Internally Matched Power FET
S-PARAMETERS
Measured at Vds=10V, IDS=3250mA
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 2 of 2 Revised February 2008


▲Up To Search▲   

 
Price & Availability of EIC7179-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X